Part Number Hot Search : 
ST622X RFP4668 ROCHI SAB80 AF117 BR2035 82C55 V585M
Product Description
Full Text Search
 

To Download 2N3498 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. 2N3498
Type 2N3498
Geometry 5620 Polarity NPN Qual Level: JAN - JANTXV
Features: * General-purpose silicon transistor for switching and amplifier applications. Housed in TO-39 case. Also available in chip form using the 5620 chip geometry. The Min and Max limits shown are per MIL-PRF-19500/366 which Semicoa meets in all cases.
Generic Part Number: 2N3498
REF: MIL-PRF-19500/366
* * *
TO-39
Maximum Ratings
TC = 25 C unless otherwise specified
o
Rating
Collector-Emitter voltage Collector-Base Voltage Emitter-Base voltage Collector Current, Continuous Power Dissipation, TA = 25oC Derate above 25oC Operating Junction Temperature Storage Temperature
Symbol
VCEO VCBO VEBO IC PD
Rating
100 100 6.0 500 5.0 28.8
Unit
V V V mA mW mW/oC
o
TJ TSTG
-65 to +200 -65 to +200
C C
o
Data Sheet No. 2N3498
Electrical Characteristics
TC = 25oC unless otherwise specified
OFF Characteristics
Collector-Base Breakdown Voltage IC = 10 A Collector-Emitter Breakdown Voltage IC = 10 mA Emitter-Base Breakdown Voltage IC = 10 A Collector-Base Cutoff Current VCB = 50 V Emitter-Base Cutoff Current VEB = 4 V
Symbol
V(BR)CBO V(BR)CEO V(BR)CEO ICBO IEBO
Min
100 100 6.0 -----
Max
------50 25
Unit
V V V nA nA
ON Characteristics
Forward Current Transfer Ratio IC = 100 A, VCE = 10 V (pulsed) IC = 1.0 mA, VCE = 10 V (pulsed) IC = 10 mA, VCE = 10 V (pulsed) IC = 150 mA, VCE = 10 V (pulsed) IC = 500 mA, VCE = 10 V (pulsed) Base-Emitter Saturation Voltage IC = 10 mA, IB = 1.0 mA IC = 10 mA, IB = 1.0 mA Collector-Emitter Saturation Voltage IC = 10 mA, IB = 1.0 mA IC = 300 mA, IB = 30 mA
Symbol
hFE1 hFE2 hFE3 hFE4 hFE6 VBE(sat)1 VBE(sat)3 VCE(sat)1 VCE(sat)3
Min
20 25 35 40 15 ---------
Max
------120 --0.8 1.4 0.2 0.6
Unit
----------V dc V dc V dc V dc
Small Signal Characteristics
Short Circuit Forward Current Transfer Ratio Forward Current Transfer Ratio IC = 10 mA, VCE = 10 V, f = 1 kHz Magnitude of Common Emitter Short Circuit Forward Current Transfer Ratio VCE = 20 V, IC = 20 mA, f = 100 MHz Open Circuit Output Capacitance VCB = 10 V, IE = 0, 100 kHz < f < 1 MHz Input Capacitance, Output Open Circuited
VEB = 0.5 V, IC = 0, 100 kHz < f < 1 MHz
Symbol
AC |hFE|
Min
50
Max
300
Unit
---
|hFE| COBO CIBO NF NF
1.5 ---------
8.0 10 80 16 6.0
--pF pF dB dB
Noise Figure
VCE = 10 V, IC = 0.5 mA, Rg = 1 kOhm, 1 kHz
Noise Figure
VCE = 10 V, IC = 0.5 mA, Rg = 1 kOhm, 1 kHz
Switching Characteristics
Saturated Turn On Switching time to 90% IC = 150 mA, IB1 = 15 mA, VEB = 2 V Saturated Turn Off Switching time to 10% IC = 150 mA, IB2 = -IB1 = 15 mA
Symbol
tON tOFF
Min
-----
Max
115 1150
Unit
ns ns


▲Up To Search▲   

 
Price & Availability of 2N3498

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X